Part Number Hot Search : 
30F6015 2SC5654 2N6387 2N542 ICX282AQ 1N4141 PLUTO 5236B
Product Description
Full Text Search
 

To Download ATMEGA1280V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? high performance, low power atmel ? avr ? 8-bit microcontroller ? advanced risc architecture ? 135 powerful instructions ? most single clock cycle execution ? 32 8 general purpose working registers ? fully static operation ? up to 16 mips throughput at 16mhz ? on-chip 2-cycle multiplier ? high endurance non-volatile memory segments ? 64k/128k/256kbytes of in-system self-programmable flash ? 4kbytes eeprom ? 8kbytes internal sram ? write/erase cycles:10,000 flash/100,000 eeprom ? data retention: 20 years at 85 c/ 100 years at 25 c ? optional boot code section with independent lock bits ? in-system programming by on-chip boot program ? true read-while-write operation ? programming lock for software security ? endurance: up to 64kbytes optional external memory space ? atmel ? qtouch ? library support ? capacitive touch buttons, sliders and wheels ? qtouch and qmatrix? acquisition ? up to 64 sense channels ? jtag (ieee std. 1149.1 compliant) interface ? boundary-scan capabilities according to the jtag standard ? extensive on-chip debug support ? programming of flash, eeprom, fuses, and lock bits through the jtag interface ? peripheral features ? two 8-bit timer/counters with separate prescaler and compare mode ? four 16-bit timer/counter with separate prescaler, compare- and capture mode ? real time counter with separate oscillator ? four 8-bit pwm channels ? six/twelve pwm channels with programmable resolution from 2 to 16 bits (atmega1281/2561, atmega640/1280/2560) ? output compare modulator ? 8/16-channel, 10-bit adc (atmega1281/2561, atmega640/1280/2560) ? two/four programmable serial usart (atmega1281/2561, atmega640/1280/2560) ? master/slave spi serial interface ? byte oriented 2-wire serial interface ? programmable watchdog timer with separate on-chip oscillator ? on-chip analog comparator ? interrupt and wake-up on pin change ? special microcontroller features ? power-on reset and programmable brown-out detection ? internal calibrated oscillator ? external and internal interrupt sources ? six sleep modes: idle, adc noise reduction, power-save, power-down, standby, and extended standby ? i/o and packages ? 54/86 programmable i/o lines (atmega1281/2561, atmega640/1280/2560) ? 64-pad qfn/mlf, 64-lead tqfp (atmega1281/2561) ? 100-lead tqfp, 100-ball cbga (atmega640/1280/2560) ? rohs/fully green ? temperature range: ?-40 c to 85 c industrial ? ultra-low power consumption ? active mode: 1mhz, 1.8v: 500a ? power-down mode: 0.1a at 1.8v ? speed grade: ? atmega640v/ATMEGA1280V/atmega1281v: ? 0 - 4mhz @ 1.8v - 5.5v, 0 - 8mhz @ 2.7v - 5.5v ? atmega2560v/atmega2561v: ? 0 - 2mhz @ 1.8v - 5.5v, 0 - 8mhz @ 2.7v - 5.5v ? atmega640/atmega1280/atmega1281: ? 0 - 8mhz @ 2.7v - 5.5v, 0 - 16mhz @ 4.5v - 5.5v ? atmega2560/atmega2561: ? 0 - 16mhz @ 4.5v - 5.5v 8-bit atmel microcontroller with 64k/128k/256k bytes in-system programmable flash atmega640/v atmega1280/v atmega1281/v atmega2560/v atmega2561/v summary 2549ps?avr?10/2012 free datasheet http:///
2 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 1. pin configurations figure 1-1. tqfp-pinout atmega640/1280/2560 gnd v cc pa0 (ad0) pa1 (ad1) pa2 (ad2) pa3 (ad3) pa4 (ad4) pa5 (ad5) pa6 (ad6) pa7 (ad7) pg2 (ale) a v cc gnd aref pf0 (adc0) pf1 (adc1) pf2 (adc2) pf3 (adc3) pf4 (adc4/tck) pf5 (adc5/tms) pf6 (adc6/tdo) pf7 (adc7/tdi) 100 99 9 8 97 96 95 94 93 92 91 90 8 9 88 8 7 8 6 8 5 8 4 8 3 8 2 8 1 8 0 79 7 8 77 76 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 1 8 19 20 21 22 23 24 25 75 74 73 72 71 70 69 6 8 67 66 65 64 63 62 61 60 59 5 8 57 56 55 54 53 52 51 26 2 8 29 31 27 36 30 32 35 37 33 34 3 8 39 40 41 42 43 44 45 46 47 4 8 49 50 pk0 (adc 8 /pcint16) pk1 (adc9/pcint17) pk2 (adc10/pcint1 8 ) pk3 (adc11/pcint19) pk4 (adc12/pcint20) pk5 (adc13/pcint21) pk6 (adc14/pcint22) pk7 (adc15/pcint23) (oc2b) ph6 (tosc2) pg3 (tosc1) pg4 reset (t4) ph7 (icp4) pl0 v cc gnd xtal2 xtal1 pl6 pl7 gnd v cc (oc0b) pg5 v cc gnd (rxd2) ph0 (txd2) ph1 (xck2) ph2 (oc4a) ph3 (oc4b) ph4 (oc4c) ph5 (rxd0/pcint 8 ) pe0 (txd0) pe1 (xck0/ain0) pe2 (oc3a/ain1) pe3 (oc3b/int4) pe4 (oc3c/int5) pe5 (t3/int6) pe6 (clko/icp3/int7) pe7 (ss/pcint0) pb0 (sck/pcint1) pb1 (mosi/pcint2) pb2 (miso/pcint3) pb3 (oc2a/pcint4) pb4 (oc1a/pcint5) pb5 (oc1b/pcint6) pb6 (oc0a/oc1c/pcint7) pb7 pc7 (a15) pc6 (a14) pc5 (a13) pc4 (a12) pc3 (a11) pc2 (a10) pc1 (a9) pc0 (a 8 ) pg1 (rd) pg0 (wr) (txd1/int3) pd3 (icp1) pd4 (xck1) pd5 (t1) pd6 (t0) pd7 (scl/int0) pd0 (sda/int1) pd1 (rxd1/int2) pd2 (icp5) pl1 (t5) pl2 (oc5a) pl3 (oc5b) pl4 pj6 (pcint15) pj5 (pcint14) pj4 (pcint13) pj3 (pcint12) pj2 (xck3/pcint11) pj1 (txd3/pcint10) pj0 (rxd3/pcint9) pj7 (oc5c) pl5 index corner free datasheet http:///
3 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 figure 1-2. cbga-pinout atmega640/1280/2560 n ote: the functions for each pin is the same as for the 100 pin packages shown in figure 1-1 on page 2 . a b c d e f g h j k 1 2345678910 a b c d e f g h j k 1098765432 1 top view bottom view table 1-1. cbga-pinout atmega640/1280/2560 1 2 3 4 5 678 910 a g n d aref pf0 pf2 pf5 pk0 pk3 pk6 g n dvcc b avcc pg5 pf1 pf3 pf6 pk1 pk4 pk7 pa0 pa2 c pe2 pe0 pe1 pf4 pf7 pk2 pk5 pj7 pa1 pa3 d pe3 pe4 pe5 pe6 ph2 pa4 pa5 pa6 pa7 pg2 e pe7 ph0 ph1 ph3 ph5 pj6 pj5 pj4 pj3 pj2 f vcc ph4 ph6 pb0 pl4 pd1 pj1 pj0 pc7 g n d g g n d pb1 pb2 pb5 pl2 pd0 pd5 pc5 pc6 vcc h pb3 pb4 reset pl1 pl3 pl7 pd4 pc4 pc3 pc2 j ph7 pg3 pb6 pl0 xtal2 pl6 pd3 pc1 pc0 pg1 k pb7 pg4 vcc g n d xtal1 pl5 pd2 pd6 pd7 pg0 free datasheet http:///
4 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 figure 1-3. pinout atmega1281/2561 n ote: the large center pad underneath the qf n /mlf package is made of metal and internally con- nected to g n d. it should be soldered or glued to the board to ensure good mechanical stability. if the center pad is left unc onnected, the package might loosen from the board. (rxd0/pcint 8 /pdi) pe0 (txd0/pdo) pe1 (xck0/ain0) pe2 (oc3a/ain1) pe3 (oc3b/int4) pe4 (oc3c/int5) pe5 (t3/int6) pe6 (icp3/clko/int7) pe7 (ss/pcint0) pb0 (oc0b) pg5 (sck/ pcint1) pb1 (mosi/ pcint2) pb2 (miso/ pcint3) pb3 (oc2a/ pcint4) pb4 (oc1a/pcint5) pb5 (oc1b/pcint6) pb6 (oc0a/oc1c/ pcint7 ) pb7 (tosc2) pg3 (tosc1) pg4 reset v cc gnd xtal2 xtal1 (scl/int0) pd0 (sda/int1) pd1 (rxd1/int2) pd2 (txd1/int3) pd3 (icp1) pd4 (xck1) pd5 pa3 (ad3) pa4 (ad4) pa5 (ad5) pa6 (ad6) pa7 (ad7) pg2 (ale) pc7 (a15) pc6 (a14) pc5 (a13) pc4 (a12) pc3 (a11) pc2 (a10) pc1 (a9) pc0 (a 8 ) pg1 (rd) pg0 (wr) a v cc gnd aref pf0 (adc0) pf1 (adc1) pf2 (adc2) pf3 (adc3) pf4 (adc4/tck) pf5 (adc5/tms) pf6 (adc6/tdo) pf7 (adc7/tdi) gnd v cc pa0 (ad0) pa1 (ad1) pa2 (ad2) (t1) pd6 (t0) pd7 index corner 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 64 63 62 61 60 59 5 8 57 56 55 54 53 52 51 50 49 4 8 47 46 45 44 43 42 41 40 39 3 8 37 36 35 34 33 17 1 8 19 20 21 22 23 24 25 26 27 2 8 29 30 31 32 free datasheet http:///
5 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 2. overview the atmega640/1280/1281/2560/2561 is a low-power cmos 8-bit microcontroller based on the avr enhanced risc architecture. by executing pow erful instructions in a single clock cycle, the atmega640/1280/1281/2560/2561 achieves throughputs approaching 1 mips per mhz allowing the system designer to optimize power consumption versus processing speed. 2.1 block diagram figure 2-1. block diagram cpu g n d vcc reset po w e r supervision por / bod & reset w at chdog oscillator w at chdog ti m er oscillator ci r cu i t s / cl o ck gen er at i o n xtal1 xtal2 pc7..0 port c (8) pa7..0 port a (8) port d (8) pd7..0 port b (8) pb7..0 port e ( 8 ) pe7..0 port f (8) pf7..0 port j (8) pj7..0 pg5..0 port g (6) port h (8) ph7..0 port k (8) pk7..0 port l (8) pl7..0 xram t w i spi eeprom jtag 8 bit t/ c 0 8 bit t/ c 2 16 bit t/ c 1 16 bit t/ c 3 sra m flash 16 bit t/ c 4 16 bit t/ c 5 usart 2 usart 1 usart 0 internal bandgap reference analog co m p ar at o r a/ d co n v er t er usart 3 note: shaded part s only available in the 100-pin version. complete functionality for t h e adc, t/ c4, an d t/ c5 o n l y available in the 100-pin version. free datasheet http:///
6 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 the atmel ? avr ? core combines a rich instruction set with 32 general purpose working regis- ters. all the 32 registers are directly connected to the arithmetic logic unit (alu), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. the resulting architecture is more code efficient wh ile achieving throughputs up to ten times faster than conventional cisc microcontrollers. the atmega640/1280/1281/2560/2561 provides the following features: 64k/128k/256k bytes of in-system programmable flash with read- w hile- w rite capabilities, 4kbytes eeprom, 8 kbytes sram, 54/86 general purpose i/o lines, 32 general purpose working registers, real time counter (rtc), six flexible timer/counters with compare modes and p w m, 4 usarts, a byte oriented 2-wire serial interface, a 16-c hannel, 10-bit adc with optional differential input stage with programmable gain, programmable w atchdog timer with internal oscillator, an spi serial port, ieee ? std. 1149.1 compliant jtag test interface, also used for accessing the on- chip debug system and programming and six software selectable power saving modes. the idle mode stops the cpu while allowing the sram, timer/counters, spi port, and interrupt system to continue functioning. the power-down mode saves the register contents but freezes the oscillator, disabling all other ch ip functions until the next interr upt or hardware reset. in power- save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base while the rest of the device is sleeping. the adc n oise reduction mode stops the cpu and all i/o modules except asynchronous timer and adc, to minimize switching noise during adc conversions. in standby mode, the crystal/resonato r oscillator is running while the rest of the device is sleeping. this allows very fast st art-up combined with lo w power consumption. in extended standby mode, bo th the main oscillator and the asynchronous ti mer continue to run. atmel offers the qtouch ? library for embedding capacitive touch buttons, sliders and wheels- functionality into avr microcontrollers. the patented charge-transfer signal acquisition offersrobust sensing and includes fully debounced reporting of touch keys and includes adjacent keysuppression ? (aks ? ) technology for unambiguous detection of key events. the easy-to-use qtouch suite toolchain allows you to explore, develop and debug your own touch applications. the device is manufactured using atmel?s high- density nonvolatile memory technology. the on- chip isp flash allows the prog ram memory to be repr ogrammed in-system th rough an spi serial interface, by a conventional nonvolatile memory programmer, or by an on-chip boot program running on the avr core. the boot program can use any interface to download the application program in the applicatio n flash memory. software in the boot flash section will continue to run while the application flash section is updated, providing true read- w hile- w rite operation. by combining an 8-bit risc cpu with in-system self-programmable flash on a monolithic chip, the atmel atmega640/1280/1281/2560/2561 is a powerful microcontroller that provides a highly flexible and cost effective solution to many embedded control applications. the atmega640/1280/1281/2560/2561 avr is supported with a full suite of program and sys- tem development tools including: c compilers, macro assemblers, program debugger/simulators, in-circuit emulators, and evaluation kits. free datasheet http:///
7 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 2.2 comparison between atme ga1281/2561 and at mega640/1280/2560 each device in the atmega640/1280/1281/2560/2561 family differs only in memory size and number of pins. table 2-1 summarizes the different configurations for the six devices. 2.3 pin descriptions 2.3.1 vcc digital supply voltage. 2.3.2 gnd ground. 2.3.3 port a (pa7..pa0) port a is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port a output buffers have symmetrical drive characteristics with both high sink and source capability. as inputs, port a pi ns that are externally pulled low will source current if the pull-up resistors are activated. the port a pins are tri-stated when a reset condition becomes active, even if the clock is not running. port a also serves the functions of various special features of the atmega640/1280/1281/2560/2561 as listed on page 78 . 2.3.4 port b (pb7..pb0) port b is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port b output buffers have symmetrical drive characteristics with both high sink and source capability. as inputs, port b pi ns that are externally pulled low will source current if the pull-up resistors are activated. the port b pins are tri-stated when a reset condition becomes active, even if the clock is not running. port b has better driving capabilities than the other ports. port b also serves the functions of various special features of the atmega640/1280/1281/2560/2561 as listed on page 79 . 2.3.5 port c (pc7..pc0) port c is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port c output buffers have symmetrical drive c haracteristics with bot h high sink and source capability. as inputs, port c pi ns that are externally pulled lo w will source current if the pull-up table 2-1. configuration summary device flash eeprom ram general purpose i/o pins 16 bits resolution pwm channels serial usarts adc channels atmega640 64kb 4kb 8kb 86 12 4 16 atmega1280 128kb 4kb 8kb 86 12 4 16 atmega1281 128kb 4kb 8kb 54 6 2 8 atmega2560 256kb 4kb 8kb 86 12 4 16 atmega2561 256kb 4kb 8kb 54 6 2 8 free datasheet http:///
8 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 resistors are activated. the port c pins are tri-stated when a reset condition becomes active, even if the clock is not running. port c also serves the functions of special features of the atmega640/1280/1281/2560/2561 as listed on page 82 . 2.3.6 port d (pd7..pd0) port d is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port d output buffers have symmetrical drive c haracteristics with bot h high sink and source capability. as inputs, port d pi ns that are externally pulled lo w will source current if the pull-up resistors are activated. the port d pins are tri-stated when a reset condition becomes active, even if the clock is not running. port d also serves the functions of various special features of the atmega640/1280/1281/2560/2561 as listed on page 83 . 2.3.7 port e (pe7..pe0) port e is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port e output buffers have symmetrical drive characteristics with both high sink and source capability. as inputs, port e pi ns that are externally pulled low will source current if the pull-up resistors are activated. the port e pins are tri-stated when a reset condition becomes active, even if the clock is not running. port e also serves the functions of various special features of the atmega640/1280/1281/2560/2561 as listed on page 86 . 2.3.8 port f (pf7..pf0) port f serves as analog inputs to the a/d converter. port f also serves as an 8-bit bi-directional i/o port, if the a/d converter is not used. port pins can provide internal pull-up resistors (selected for each bit). the port f output buffers have sym- metrical drive characteristics with both high sink and source capa bility. as inputs, port f pins that are externally pulled low will source current if the pull-up resistors are ac tivated. the port f pins are tri-stated when a reset condition becomes active, even if the clock is not running. if the jtag interface is enabled, the pull-up resistors on pins pf7( tdi), pf5(tms), and pf4(tck) will be activated even if a reset occurs. port f also serves the functions of the jtag interface. 2.3.9 port g (pg5..pg0) port g is a 6-bit i/o port with internal pull-up resistors (selected for each bit). the port g output buffers have symmetrical drive characteristic s with both high sink and source capability. as inputs, port g pins that are externally pulled lo w will source current if the pull-up resistors are activated. the port g pins are tri-stated when a reset condition becomes active, even if the clock is not running. port g also serves the functions of various special features of the atmega640/1280/1281/2560/2561 as listed on page 90 . 2.3.10 port h (ph7..ph0) port h is a 8-bit bi-directional i/o port with inte rnal pull-up resistors (selected for each bit). the port h output buffers have symmetrical drive c haracteristics with bot h high sink and source capability. as inputs, port h pi ns that are externally pulled lo w will source current if the pull-up free datasheet http:///
9 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 resistors are activated. the port h pins are tri-stated when a reset condition becomes active, even if the clock is not running. port h also serves the functions of various special features of the atmega640/1280/2560 as listed on page 92 . 2.3.11 port j (pj7..pj0) port j is a 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port j output buffers have symmetrical drive characteristics with both high sink and source capa- bility. as inputs, port j pins that are externally pulled low will source current if the pull-up resistors are activated. the port j pins are tr i-stated when a reset condition becomes active, even if the clock is not running. port j also serves the functions of various special features of the atmega640/1280/2560 as listed on page 94 . 2.3.12 port k (pk7..pk0) port k serves as analog inputs to the a/d converter. port k is a 8-bit bi-directional i/o port with inte rnal pull-up resistors (selected for each bit). the port k output buffers have symmetrical drive characteristics with both high sink and source capability. as inputs, port k pi ns that are externally pulled low will source current if the pull-up resistors are activated. the port k pins are tri-stated when a reset condition becomes active, even if the clock is not running. port k also serves the functions of vari ous special features of the atmega640/1280/2560 as listed on page 96 . 2.3.13 port l (pl7..pl0) port l is a 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port l output buffers have symmetrical drive characteristics with both high sink and source capability. as inputs, port l pins that are externally pulled low will source current if the pull-up resistors are activated. the port l pins are tri-stated when a reset condition becomes active, even if the clock is not running. port l also serves the functions of variou s special features of the atmega640/1280/2560 as listed on page 98 . 2.3.14 reset reset input. a low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock is not runni ng. the minimum pulse length is given in ?system and reset characteristics? on page 372 . shorter pulses are not guaranteed to generate a reset. 2.3.15 xtal1 input to the inverting oscillato r amplifier and input to the in ternal clock operating circuit. 2.3.16 xtal2 output from the invert ing oscillator amplifier. free datasheet http:///
10 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 2.3.17 avcc avcc is the supply voltage pin for port f and the a/d converter. it should be externally con- nected to v cc , even if the adc is not used. if the adc is used, it should be connected to v cc through a low-pass filter. 2.3.18 aref this is the analog reference pin for the a/d converter. free datasheet http:///
11 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 3. resources a comprehensive set of development tools a nd application notes, and datasheets are available for download on http://www.atmel.com/avr . 4. about code examples this documentation contains simple code examples that briefly show how to use various parts of the device. be aware that not all c compiler vendors include bit definitions in the header files and interrupt handling in c is compiler dependent. please confirm with the c compiler documen- tation for more details. these code examples assume that the part specific header file is included before compilation. for i/o registers located in extended i/o map, "i n ", "out", "sbis", "sbic", "cbi", and "sbi" instructions must be replaced with instructio ns that allow access to extended i/o. typically "lds" and "sts" combined with "sbrs", "sbrc", "sbr", and "cbr". 5. data retention reliability qualification results show that the pr ojected data retention failure rate is much less than 1 ppm over 20 years at 85c or 100 years at 25c. 6. capacitive touch sensing the atmel ? qtouch ? library provides a simple to use so lution to realize touch sensitive inter- faces on most atmel avr ? microcontrollers. the qtouch library includes support for the qtouch and qmatrix ? acquisition methods. touch sensing can be added to any application by linking the appropriate atmel qtouch library for the avr microcontroller. this is done by using a simple set of apis to define the touch chan- nels and sensors, and then calling the touch sens ing api?s to retrieve the channel information and determine the touch sensor states. the qtouch library is free and downloadable from the atmel website at the following location: www.atmel.com/qtouchlibrary . for implementation details and other information, refer to the atmel qtouch library user guide - also available for download from the atmel website. free datasheet http:///
12 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 7. register summary address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page (0x1ff) reserved - - - - - - - - ... reserved - - - - - - - - (0x13f) reserved (0x13e) reserved (0x13d) reserved (0x13c) reserved (0x13b) reserved (0x13a) reserved (0x139) reserved (0x138) reserved (0x137) reserved (0x136) udr3 usart3 i/o data register 222 (0x135) ubrr3h - - - - usart3 baud rate register high byte 227 (0x134) ubrr3l usart3 baud rate register low byte 227 (0x133) reserved - - - - - - - - (0x132) ucsr3c umsel31 umsel30 upm 31 upm30 usbs3 ucsz31 ucsz30 ucpol3 239 (0x131) ucsr3b rxcie3 txcie3 udrie3 rxe n 3txe n 3 ucsz32 rxb83 txb83 238 (0x130) ucsr3a rxc3 txc3 udre3 fe3 dor3 upe3 u2x3 mpcm3 238 (0x12f) reserved - - - - - - - - (0x12e) reserved - - - - - - - - (0x12d) ocr5ch timer/counter5 - output compare register c high byte 165 (0x12c) ocr5cl timer/counter5 - output compare register c low byte 165 (0x12b) ocr5bh timer/counter5 - output compare register b high byte 165 (0x12a) ocr5bl timer/counter5 - output compare register b low byte 165 (0x129) ocr5ah timer/counter5 - output compare register a high byte 164 (0x128) ocr5al timer/counter5 - output compare register a low byte 164 (0x127) icr5h timer/counter5 - input capture register high byte 165 (0x126) icr5l timer/counter5 - input capture register low byte 165 (0x125) tc n t5h timer/counter5 - counter register high byte 163 (0x124) tc n t5l timer/counter5 - counter register low byte 163 (0x123) reserved - - - - - - - - (0x122) tccr5c foc5a foc5b foc5c - - - - - 162 (0x121) tccr5b ic n c5 ices5 - w gm53 w gm52 cs52 cs51 cs50 160 (0x120) tccr5a com5a1 com5a0 com5b1 com5b0 com5c1 com5c0 w gm51 w gm50 158 (0x11f) reserved - - - - - - - - (0x11e) reserved - - - - - - - - (0x11d) reserved - - - - - - - - (0x11c) reserved - - - - - - - - (0x11b) reserved - - - - - - - - (0x11a) reserved - - - - - - - - (0x119) reserved - - - - - - - - (0x118) reserved - - - - - - - - (0x117) reserved - - - - - - - - (0x116) reserved - - - - - - - - (0x115) reserved - - - - - - - - (0x114) reserved - - - - - - - - (0x113) reserved - - - - - - - - (0x112) reserved - - - - - - - - (0x111) reserved - - - - - - - - (0x110) reserved - - - - - - - - (0x10f) reserved - - - - - - - - (0x10e) reserved - - - - - - - - (0x10d) reserved - - - - - - - - (0x10c) reserved - - - - - - - - (0x10b) portl portl7 portl6 portl5 portl4 portl3 portl2 portl1 portl0 104 (0x10a) ddrl ddl7 ddl6 ddl5 ddl4 ddl3 ddl2 ddl1 ddl0 104 (0x109) pi n lpi n l7 pi n l6 pi n l5 pi n l4 pi n l3 pi n l2 pi n l1 pi n l0 104 (0x108) portk portk7 portk6 portk5 portk4 portk3 portk2 portk1 portk0 103 (0x107) ddrk ddk7 ddk6 ddk5 ddk4 ddk3 ddk2 ddk1 ddk0 103 (0x106) pi n kpi n k7 pi n k6 pi n k5 pi n k4 pi n k3 pi n k2 pi n k1 pi n k0 103 (0x105) portj portj7 portj6 portj5 portj4 portj3 portj2 portj1 portj0 103 (0x104) ddrj ddj7 ddj6 ddj5 ddj4 ddj3 ddj2 ddj1 ddj0 103 (0x103) pi n jpi n j7 pi n j6 pi n j5 pi n j4 pi n j3 pi n j2 pi n j1 pi n j0 103 (0x102) porth porth7 porth6 porth5 porth4 porth3 porth2 porth1 porth0 102 (0x101) ddrh ddh7 ddh6 ddh5 ddh4 ddh3 ddh2 ddh1 ddh0 103 free datasheet http:///
13 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 (0x100) pi n hpi n h7 pi n h6 pi n h5 pi n h4 pi n h3 pi n h2 pi n h1 pi n h0 103 (0xff) reserved - - - - - - - - (0xfe) reserved - - - - - - - - (0xfd) reserved - - - - - - - - (0xfc) reserved - - - - - - - - (0xfb) reserved - - - - - - - - (0xfa) reserved - - - - - - - - (0xf9) reserved - - - - - - - - (0xf8) reserved - - - - - - - - (0xf7) reserved - - - - - - - - (0xf6) reserved - - - - - - - - (0xf5) reserved - - - - - - - - (0xf4) reserved - - - - - - - - (0xf3) reserved - - - - - - - - (0xf2) reserved - - - - - - - - (0xf1) reserved - - - - - - - - (0xf0) reserved - - - - - - - - (0xef) reserved - - - - - - - - (0xee) reserved - - - - - - - - (0xed) reserved - - - - - - - - (0xec) reserved - - - - - - - - (0xeb) reserved - - - - - - - (0xea) reserved - - - - - - - - (0xe9) reserved - - - - - - - - (0xe8) reserved - - - - - - - - (0xe7) reserved - - - - - - - (0xe6) reserved - - - - - - - - (0xe5) reserved - - - - - - - - (0xe4) reserved - - - - - - - - (0xe3) reserved - - - - - - - (0xe2) reserved - - - - - - - - (0xe1) reserved - - - - - - - (0xe0) reserved - - - - - - - (0xdf) reserved - - - - - - - - (0xde) reserved - - - - - - - - (0xdd) reserved - - - - - - - (0xdc) reserved - - - - - - - - (0xdb) reserved - - - - - - - - (0xda) reserved - - - - - - - - (0xd9) reserved - - - - - - - (0xd8) reserved - - - - - - - - (0xd7) reserved - - - - - - - - (0xd6) udr2 usart2 i/o data register 222 (0xd5) ubrr2h - - - - usart2 baud rate register high byte 227 (0xd4) ubrr2l usart2 baud rate register low byte 227 (0xd3) reserved - - - - - - - - (0xd2) ucsr2c umsel21 umsel20 upm2 1 upm20 usbs2 ucsz21 ucsz20 ucpol2 239 (0xd1) ucsr2b rxcie2 txcie2 udrie2 rxe n 2txe n 2 ucsz22 rxb82 txb82 238 (0xd0) ucsr2a rxc2 txc2 udre2 fe2 dor2 upe2 u2x2 mpcm2 238 (0xcf) reserved - - - - - - - - (0xce) udr1 usart1 i/o data register 222 (0xcd) ubrr1h - - - - usart1 baud rate register high byte 227 (0xcc) ubrr1l usart1 baud rate register low byte 227 (0xcb) reserved - - - - - - - - (0xca) ucsr1c umsel11 umsel10 upm1 1 upm10 usbs1 ucsz11 ucsz10 ucpol1 239 (0xc9) ucsr1b rxcie1 txcie1 udrie1 rxe n 1txe n 1 ucsz12 rxb81 txb81 238 (0xc8) ucsr1a rxc1 txc1 udre1 fe1 dor1 upe1 u2x1 mpcm1 238 (0xc7) reserved - - - - - - - - (0xc6) udr0 usart0 i/o data register 222 (0xc5) ubrr0h - - - - usart0 baud rate register high byte 227 (0xc4) ubrr0l usart0 baud rate register low byte 227 (0xc3) reserved - - - - - - - - (0xc2) ucsr0c umsel01 umsel00 upm0 1 upm00 usbs0 ucsz01 ucsz00 ucpol0 239 (0xc1) ucsr0b rxcie0 txcie0 udrie0 rxe n 0txe n 0 ucsz02 rxb80 txb80 238 (0xc0) ucsr0a rxc0 txc0 udre0 fe0 dor0 upe0 u2x0 mpcm0 238 (0xbf) reserved - - - - - - - - address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page free datasheet http:///
14 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 (0xbe) reserved - - - - - - - - (0xbd) t w amr t w am6 t w am5 t w am4 t w am3 t w am2 t w am1 t w am0 - 269 (0xbc) t w cr t w i n tt w ea t w sta t w sto t ww ct w e n -t w ie 266 (0xbb) t w dr 2-wire serial interface data register 268 (0xba) t w ar t w a6 t w a5 t w a4 t w a3 t w a2 t w a1 t w a0 t w gce 269 (0xb9) t w sr t w s7 t w s6 t w s5 t w s4 t w s3 -t w ps1 t w ps0 268 (0xb8) t w br 2-wire serial interface bit rate register 266 (0xb7) reserved - - - - - - - - (0xb6) assr -exclkas2tc n 2ub ocr2aub ocr2bub tcr2aub tcr2bub 184 (0xb5) reserved - - - - - - - - (0xb4) ocr2b timer/counter2 output compare register b 191 (0xb3) ocr2a timer/counter2 output compare register a 191 (0xb2) tc n t2 timer/counter2 (8 bit) 191 (0xb1) tccr2b foc2a foc2b - - w gm22 cs22 cs21 cs20 190 (0xb0) tccr2a com2a1 com2a0 com2b1 com2b0 - - w gm21 w gm20 191 (0xaf) reserved - - - - - - - - (0xae) reserved - - - - - - - - (0xad) ocr4ch timer/counter4 - output compare register c high byte 164 (0xac) ocr4cl timer/counter4 - output compare register c low byte 164 (0xab) ocr4bh timer/counter4 - output compare register b high byte 164 (0xaa) ocr4bl timer/counter4 - output compare register b low byte 164 (0xa9) ocr4ah timer/counter4 - output compare register a high byte 164 (0xa8) ocr4al timer/counter4 - output compare register a low byte 164 (0xa7) icr4h timer/counter4 - input capture register high byte 165 (0xa6) icr4l timer/counter4 - input capture register low byte 165 (0xa5) tc n t4h timer/counter4 - counter register high byte 163 (0xa4) tc n t4l timer/counter4 - counter register low byte 163 (0xa3) reserved - - - - - - - - (0xa2) tccr4c foc4a foc4b foc4c - - - - - 162 (0xa1) tccr4b ic n c4 ices4 - w gm43 w gm42 cs42 cs41 cs40 160 (0xa0) tccr4a com4a1 com4a0 com4b1 com4b0 com4c1 com4c0 w gm41 w gm40 158 (0x9f) reserved - - - - - - - - (0x9e) reserved - - - - - - - - (0x9d) ocr3ch timer/counter3 - output compare register c high byte 164 (0x9c) ocr3cl timer/counter3 - output compare register c low byte 164 (0x9b) ocr3bh timer/counter3 - output compare register b high byte 164 (0x9a) ocr3bl timer/counter3 - output compare register b low byte 164 (0x99) ocr3ah timer/counter3 - output compare register a high byte 163 (0x98) ocr3al timer/counter3 - output compare register a low byte 163 (0x97) icr3h timer/counter3 - input capture register high byte 165 (0x96) icr3l timer/counter3 - input capture register low byte 165 (0x95) tc n t3h timer/counter3 - counter register high byte 162 (0x94) tc n t3l timer/counter3 - counter register low byte 162 (0x93) reserved - - - - - - - - (0x92) tccr3c foc3a foc3b foc3c - - - - - 162 (0x91) tccr3b ic n c3 ices3 - w gm33 w gm32 cs32 cs31 cs30 160 (0x90) tccr3a com3a1 com3a0 com3b1 com3b0 com3c1 com3c0 w gm31 w gm30 158 (0x8f) reserved - - - - - - - - (0x8e) reserved - - - - - - - - (0x8d) ocr1ch timer/counter1 - output compare register c high byte 163 (0x8c) ocr1cl timer/counter1 - output compare register c low byte 163 (0x8b) ocr1bh timer/counter1 - output compare register b high byte 163 (0x8a) ocr1bl timer/counter1 - output compare register b low byte 163 (0x89) ocr1ah timer/counter1 - output compare register a high byte 163 (0x88) ocr1al timer/counter1 - output compare register a low byte 163 (0x87) icr1h timer/counter1 - input capture register high byte 165 (0x86) icr1l timer/counter1 - input capture register low byte 165 (0x85) tc n t1h timer/counter1 - counter register high byte 162 (0x84) tc n t1l timer/counter1 - counter register low byte 162 (0x83) reserved - - - - - - - - (0x82) tccr1c foc1a foc1b foc1c - - - - - 161 (0x81) tccr1b ic n c1 ices1 - w gm13 w gm12 cs12 cs11 cs10 160 (0x80) tccr1a com1a1 com1a0 com1b1 com1b0 com1c1 com1c0 w gm11 w gm10 158 (0x7f) didr1 - - - - - -ai n 1d ai n 0d 274 (0x7e) didr0 adc7d adc6d adc5d adc4d adc3d adc2d adc1d adc0d 295 (0x7d) didr2 adc15d adc14d adc13d adc12d adc11d adc10d adc9d adc8d 295 address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page free datasheet http:///
15 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 (0x7c) admux refs1 refs0 adlar mux4 mux3 mux2 mux1 mux0 289 (0x7b) adcsrb -acme - - mux5 adts2 adts1 adts0 272 , 290 , 294 (0x7a) adcsra ade n adsc adate adif adie adps2 adps1 adps0 292 (0x79) adch adc data register high byte 294 (0x78) adcl adc data register low byte 294 (0x77) reserved - - - - - - - - (0x76) reserved - - - - - - - - (0x75) xmcrb xmbk - - - - xmm2 xmm1 xmm0 38 (0x74) xmcra sre srl2 srl1 srl0 sr w 11 sr w 10 sr w 01 sr w 00 37 (0x73) timsk5 - -icie5 - ocie5c ocie5b ocie5a toie5 166 (0x72) timsk4 - -icie4 - ocie4c ocie4b ocie4a toie4 166 (0x71) timsk3 - -icie3 - ocie3c ocie3b ocie3a toie3 166 (0x70) timsk2 - - - - - ocie2b ocie2a toie2 193 (0x6f) timsk1 - -icie1 - ocie1c ocie1b ocie1a toie1 166 (0x6e) timsk0 - - - - - ocie0b ocie0a toie0 134 (0x6d) pcmsk2 pci n t23 pci n t22 pci n t21 pci n t20 pci n t19 pci n t18 pci n t17 pci n t16 116 (0x6c) pcmsk1 pci n t15 pci n t14 pci n t13 pci n t12 pci n t11 pci n t10 pci n t9 pci n t8 116 (0x6b) pcmsk0 pci n t7 pci n t6 pci n t5 pci n t4 pci n t3 pci n t2 pci n t1 pci n t0 117 (0x6a) eicrb isc71 isc70 isc61 isc60 isc51 isc50 isc41 isc40 114 (0x69) eicra isc31 isc30 isc21 isc20 isc11 isc10 isc01 isc00 113 (0x68) pcicr - - - - - pcie2 pcie1 pcie0 115 (0x67) reserved - - - - - - - - (0x66) osccal oscillator calibration register 50 (0x65) prr1 - - prtim5 prtim4 prtim3 prusart3 prusart2 prusart1 57 (0x64) prr0 prt w i prtim2 prtim0 - prtim1 prspi prusart0 pradc 56 (0x63) reserved - - - - - - - - (0x62) reserved - - - - - - - - (0x61) clkpr clkpce - - - clkps3 clkps2 clkps1 clkps0 50 (0x60) w dtcsr w dif w die w dp3 w dce w de w dp2 w dp1 w dp0 67 0x3f (0x5f) sreg i t h s v n zc 14 0x3e (0x5e) sph sp15 sp14 sp13 sp12 sp11 sp10 sp9 sp8 16 0x3d (0x5d) spl sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0 16 0x3c (0x5c) ei n d - - - - - - -ei n d0 17 0x3b (0x5b) rampz - - - - - - rampz1 rampz0 17 0x3a (0x5a) reserved - - - - - - - - 0x39 (0x59) reserved - - - - - - - - 0x38 (0x58) reserved - - - - - - - - 0x37 (0x57) spmcsr spmie r ww sb sigrd r ww sre blbset pg w rt pgers spme n 332 0x36 (0x56) reserved - - - - - - - - 0x35 (0x55) mcucr jtd - -pud - - ivsel ivce 67 , 110 , 100 , 308 0x34 (0x54) mcusr - - -jtrf w drf borf extrf porf 308 0x33 (0x53) smcr - - - - sm2 sm1 sm0 se 52 0x32 (0x52) reserved - - - - - - - - 0x31 (0x51) ocdr ocdr7 ocdr6 ocdr5 ocdr4 ocdr3 ocdr2 ocdr1 ocdr0 301 0x30 (0x50) acsr acd acbg aco aci acie acic acis1 acis0 272 0x2f (0x4f) reserved - - - - - - - - 0x2e (0x4e) spdr spi data register 204 0x2d (0x4d) spsr spif w col - - - - - spi2x 203 0x2c (0x4c) spcr spie spe dord mstr cpol cpha spr1 spr0 202 0x2b (0x4b) gpior2 general purpose i/o register 2 37 0x2a (0x4a) gpior1 general purpose i/o register 1 37 0x29 (0x49) reserved - - - - - - - - 0x28 (0x48) ocr0b timer/counter0 output compare register b 133 0x27 (0x47) ocr0a timer/counter0 output compare register a 133 0x26 (0x46) tc n t0 timer/counter0 (8 bit) 133 0x25 (0x45) tccr0b foc0a foc0b - - w gm02 cs02 cs01 cs00 132 0x24 (0x44) tccr0a com0a1 com0a0 com0b1 com0b0 - - w gm01 w gm00 129 0x23 (0x43) gtccr tsm - - - - - psrasy psrsy n c 170 , 194 0x22 (0x42) eearh - - - - eeprom address register high byte 35 0x21 (0x41) eearl eeprom address register low byte 35 0x20 (0x40) eedr eeprom data register 35 0x1f (0x3f) eecr - - eepm1 eepm0 eerie eempe eepe eere 35 0x1e (0x3e) gpior0 general purpose i/o register 0 37 0x1d (0x3d) eimsk i n t7 i n t6 i n t5 i n t4 i n t3 i n t2 i n t1 i n t0 115 0x1c (0x3c) eifr i n tf7 i n tf6 i n tf5 i n tf4 i n tf3 i n tf2 i n tf1 i n tf0 115 0x1b (0x3b) pcifr - - - - - pcif2 pcif1 pcif0 116 address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page free datasheet http:///
16 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 n otes: 1. for compatibility with future devices, reserved bits s hould be written to zero if accessed. reserved i/o memory addresse s should never be written. 2. i/o registers within the address range $00 - $1f are directly bit-accessible using th e sbi and cbi instructions. in these reg - isters, the value of single bits can be checked by using the sbis and sbic instructions. 3. some of the status flags are cleared by writing a logical one to them. n ote that the cbi and sbi instructions will operate on all bits in the i/o register, writing a one back into any flag r ead as set, thus clearing the fl ag. the cbi and sbi instruction s work with registers 0x00 to 0x1f only. 4. w hen using the i/o specific commands i n and out, the i/o addresses $00 - $3f must be used. w hen addressing i/o regis- ters as data space using ld and st instructions, $20 must be added to these addresses. the atmega640/1280/1281/2560/2561 is a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in opcode for the i n and out instructions. for the extended i/o space from $60 - $1ff in sram, only the st/sts/std and ld/lds/ldd instructions can be used. 0x1a (0x3a) tifr5 - -icf5 - ocf5c ocf5b ocf5a tov5 166 0x19 (0x39) tifr4 - -icf4 - ocf4c ocf4b ocf4a tov4 167 0x18 (0x38) tifr3 - -icf3 - ocf3c ocf3b ocf3a tov3 167 0x17 (0x37) tifr2 - - - - - ocf2b ocf2a tov2 193 0x16 (0x36) tifr1 - -icf1 - ocf1c ocf1b ocf1a tov1 167 0x15 (0x35) tifr0 - - - - - ocf0b ocf0a tov0 134 0x14 (0x34) portg - - portg5 portg4 portg3 portg2 portg1 portg0 102 0x13 (0x33) ddrg - - ddg5 ddg4 ddg3 ddg2 ddg1 ddg0 102 0x12 (0x32) pi n g - -pi n g5 pi n g4 pi n g3 pi n g2 pi n g1 pi n g0 102 0x11 (0x31) portf portf7 portf6 portf5 portf4 portf3 portf2 portf1 portf0 101 0x10 (0x30) ddrf ddf7 ddf6 ddf5 ddf4 ddf3 ddf2 ddf1 ddf0 102 0x0f (0x2f) pi n fpi n f7 pi n f6 pi n f5 pi n f4 pi n f3 pi n f2 pi n f1 pi n f0 102 0x0e (0x2e) porte porte7 porte6 porte 5 porte4 porte3 porte2 porte1 porte0 101 0x0d (0x2d) ddre dde7 dde6 dde5 dde4 dde3 dde2 dde1 dde0 101 0x0c (0x2c) pi n epi n e7 pi n e6 pi n e5 pi n e4 pi n e3 pi n e2 pi n e1 pi n e0 102 0x0b (0x2b) portd portd7 portd6 portd 5 portd4 portd3 portd2 portd1 portd0 101 0x0a (0x2a) ddrd ddd7 ddd6 ddd5 ddd4 ddd3 ddd2 ddd1 ddd0 101 0x09 (0x29) pi n dpi n d7 pi n d6 pi n d5 pi n d4 pi n d3 pi n d2 pi n d1 pi n d0 101 0x08 (0x28) portc portc7 portc6 portc5 portc4 portc3 portc2 portc1 portc0 101 0x07 (0x27) ddrc ddc7 ddc6 ddc5 ddc4 ddc3 ddc2 ddc1 ddc0 101 0x06 (0x26) pi n cpi n c7 pi n c6 pi n c5 pi n c4 pi n c3 pi n c2 pi n c1 pi n c0 101 0x05 (0x25) portb portb7 portb6 portb 5 portb4 portb3 portb2 portb1 portb0 100 0x04 (0x24) ddrb ddb7 ddb6 d db5 ddb4 ddb3 ddb2 ddb1 ddb0 100 0x03 (0x23) pi n bpi n b7 pi n b6 pi n b5 pi n b4 pi n b3 pi n b2 pi n b1 pi n b0 100 0x02 (0x22) porta porta7 porta6 porta 5 porta4 porta3 porta2 porta1 porta0 100 0x01 (0x21) ddra dda7 dda6 d da5 dda4 dda3 dda2 dda1 dda0 100 0x00 (0x20) pi n api n a7 pi n a6 pi n a5 pi n a4 pi n a3 pi n a2 pi n a1 pi n a0 100 address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page free datasheet http:///
17 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 8. instruction set summary mnemonics operands description operation flags #clocks arithmetic and logic instructions add rd, rr add two registers rd rd + rr z, c, n , v, h 1 adc rd, rr add with carry two registers rd rd + rr + c z, c, n , v, h 1 adi w rdl,k add immediate to w ord rdh:rdl rdh:rdl + k z, c, n , v, s 2 sub rd, rr subtract two registers rd rd - rr z, c, n , v, h 1 subi rd, k subtract constant from register rd rd - k z, c, n , v, h 1 sbc rd, rr subtract with carry two registers rd rd - rr - c z, c, n , v, h 1 sbci rd, k subtract with carry constant from reg. rd rd - k - c z, c, n , v, h 1 sbi w rdl,k subtract immediate from w ord rdh:rdl rdh:rdl - k z, c, n , v, s 2 a n d rd, rr logical a n d registers rd rd ? rr z, n , v 1 a n di rd, k logical a n d register and constant rd rd ? kz, n , v 1 or rd, rr logical or registers rd rd v rr z, n , v 1 ori rd, k logical or register and constant rd rd v k z, n , v 1 eor rd, rr exclusive or registers rd rd rr z, n , v 1 com rd one?s complement rd 0xff ? rd z, c, n , v 1 n eg rd two?s complement rd 0x00 ? rd z, c, n , v, h 1 sbr rd,k set bit(s) in register rd rd v k z, n , v 1 cbr rd,k clear bit(s) in register rd rd ? (0xff - k) z, n , v 1 i n c rd increment rd rd + 1 z, n , v 1 dec rd decrement rd rd ? 1 z, n , v 1 tst rd test for zero or minus rd rd ? rd z, n , v 1 clr rd clear register rd rd rd z, n , v 1 ser rd set register rd 0xff n one 1 mul rd, rr multiply unsigned r1:r0 rd x rr z, c 2 muls rd, rr multiply signed r1:r0 rd x rr z, c 2 mulsu rd, rr multiply signed with unsigned r1:r0 rd x rr z, c 2 fmul rd, rr fractional multiply unsigned r1:r0 (rd x rr) << 1 z, c 2 fmuls rd, rr fractional multiply signed r1:r0 (rd x rr) << 1 z, c 2 fmulsu rd, rr fractional multiply signed with unsigned r1:r0 (rd x rr) << 1 z, c 2 branch instructions rjmp k relative jump pc pc + k + 1 n one 2 ijmp indirect jump to (z) pc z n one 2 eijmp extended indirect jump to (z) pc (ei n d:z) n one 2 jmp k direct jump pc k n one 3 rcall k relative subroutine call pc pc + k + 1 n one 4 icall indirect call to (z) pc z n one 4 eicall extended indirect call to (z) pc (ei n d:z) n one 4 call k direct subroutine call pc k n one 5 ret subroutine return pc stack n one 5 reti interrupt return pc stack i 5 cpse rd,rr compare, skip if equal if (rd = rr) pc pc + 2 or 3 n one 1/2/3 cp rd,rr compare rd ? rr z, n , v, c, h 1 cpc rd,rr compare with carry rd ? rr ? c z, n , v, c, h 1 cpi rd,k compare register with immediate rd ? k z, n , v, c, h 1 sbrc rr, b skip if bit in register cleared if (rr(b)=0) pc pc + 2 or 3 n one 1/2/3 sbrs rr, b skip if bit in register is set if (rr(b)=1) pc pc + 2 or 3 n one 1/2/3 sbic p, b skip if bit in i/o register cleared if (p(b)=0) pc pc + 2 or 3 n one 1/2/3 sbis p, b skip if bit in i/o register is set if (p(b)=1) pc pc + 2 or 3 n one 1/2/3 brbs s, k branch if status flag set if (sreg(s) = 1) then pc pc+k + 1 n one 1/2 brbc s, k branch if status flag cleared if (sreg(s) = 0) then pc pc+k + 1 n one 1/2 breq k branch if equal if (z = 1) then pc pc + k + 1 n one 1/2 br n e k branch if n ot equal if (z = 0) then pc pc + k + 1 n one 1/2 brcs k branch if carry set if (c = 1) then pc pc + k + 1 n one 1/2 brcc k branch if carry cleared if (c = 0) then pc pc + k + 1 n one 1/2 brsh k branch if same or higher if (c = 0) then pc pc + k + 1 n one 1/2 brlo k branch if lower if (c = 1) then pc pc + k + 1 n one 1/2 brmi k branch if minus if ( n = 1) then pc pc + k + 1 n one 1/2 brpl k branch if plus if ( n = 0) then pc pc + k + 1 n one 1/2 brge k branch if greater or equal, signed if ( n v= 0) then pc pc + k + 1 n one 1/2 brlt k branch if less than zero, signed if ( n v= 1) then pc pc + k + 1 n one 1/2 brhs k branch if half carry flag set if (h = 1) then pc pc + k + 1 n one 1/2 brhc k branch if half carry flag cleared if (h = 0) then pc pc + k + 1 n one 1/2 brts k branch if t flag set if (t = 1) then pc pc + k + 1 n one 1/2 brtc k branch if t flag cleared if (t = 0) then pc pc + k + 1 n one 1/2 free datasheet http:///
18 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 brvs k branch if overflow flag is set if (v = 1) then pc pc + k + 1 n one 1/2 brvc k branch if overflow flag is cleared if (v = 0) then pc pc + k + 1 n one 1/2 brie k branch if interrupt enabled if ( i = 1) then pc pc + k + 1 n one 1/2 brid k branch if interrupt disabled if ( i = 0) then pc pc + k + 1 n one 1/2 bit and bit-test instructions sbi p,b set bit in i/o register i/o(p,b) 1 n one 2 cbi p,b clear bit in i/o register i/o(p,b) 0 n one 2 lsl rd logical shift left rd(n+1) rd(n), rd(0) 0 z, c, n , v 1 lsr rd logical shift right rd(n) rd(n+1), rd(7) 0 z, c, n , v 1 rol rd rotate left through carry rd(0) c,rd(n+1) rd(n),c rd(7) z, c, n , v 1 ror rd rotate right through carry rd(7) c,rd(n) rd(n+1),c rd(0) z, c, n , v 1 asr rd arithmetic shift right rd(n) rd(n+1), n=0..6 z, c, n , v 1 s w ap rd swap n ibbles rd(3..0) rd(7..4),rd(7..4) rd(3..0) n one 1 bset s flag set sreg(s) 1 sreg(s) 1 bclr s flag clear sreg(s) 0 sreg(s) 1 bst rr, b bit store from register to t t rr(b) t 1 bld rd, b bit load from t to register rd(b) t n one 1 sec set carry c 1c1 clc clear carry c 0 c 1 se n set n egative flag n 1 n 1 cl n clear n egative flag n 0 n 1 sez set zero flag z 1z1 clz clear ze ro flag z 0 z 1 sei global interrupt enable i 1i1 cli global interrupt disable i 0 i 1 ses set signed test flag s 1s1 cls clear signed test flag s 0 s 1 sev set twos complement overflow. v 1v1 clv clear twos complement overflow v 0 v 1 set set t in sreg t 1t1 clt clear t in sreg t 0 t 1 seh set half carry flag in sreg h 1h1 clh clear half carry flag in sreg h 0 h 1 data transfer instructions mov rd, rr move between registers rd rr n one 1 mov w rd, rr copy register w ord rd+1:rd rr+1:rr n one 1 ldi rd, k load immediate rd k n one 1 ld rd, x load indirect rd (x) n one 2 ld rd, x+ load indirect and post-inc. rd (x), x x + 1 n one 2 ld rd, - x load indirect and pre-dec. x x - 1, rd (x) n one 2 ld rd, y load indirect rd (y) n one 2 ld rd, y+ load indirect and post-inc. rd (y), y y + 1 n one 2 ld rd, - y load indirect and pre-dec. y y - 1, rd (y) n one 2 ldd rd,y+q load indirect with displacement rd (y + q) n one 2 ld rd, z load indirect rd (z) n one 2 ld rd, z+ load indirect and post-inc. rd (z), z z+1 n one 2 ld rd, -z load indirect and pre-dec. z z - 1, rd (z) n one 2 ldd rd, z+q load indirect with displacement rd (z + q) n one 2 lds rd, k load direct from sram rd (k) n one 2 st x, rr store indirect (x) rr n one 2 st x+, rr store indirect and post-inc. (x) rr, x x + 1 n one 2 st - x, rr store indirect and pre-dec. x x - 1, (x) rr n one 2 st y, rr store indirect (y) rr n one 2 st y+, rr store indirect and post-inc. (y) rr, y y + 1 n one 2 st - y, rr store indirect and pre-dec. y y - 1, (y) rr n one 2 std y+q,rr store indirect with displacement (y + q) rr n one 2 st z, rr store indirect (z) rr n one 2 st z+, rr store indirect and post-inc. (z) rr, z z + 1 n one 2 st -z, rr store indirect and pre-dec. z z - 1, (z) rr n one 2 std z+q,rr store indirect with displacement (z + q) rr n one 2 sts k, rr store direct to sram (k) rr n one 2 lpm load program memory r0 (z) n one 3 lpm rd, z load program memory rd (z) n one 3 lpm rd, z+ load program memory and post-inc rd (z), z z+1 n one 3 elpm extended load program memory r0 (rampz:z) n one 3 elpm rd, z extended load program memory rd (rampz:z) n one 3 mnemonics operands description operation flags #clocks free datasheet http:///
19 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 n ote: eicall and eijmp do not exist in atmega640/1280/1281. elpm does not exist in atmega640. elpm rd, z+ extended load program memory rd (rampz:z), rampz:z rampz:z+1 n one 3 spm store program memory (z) r1:r0 n one - i n rd, p in port rd p n one 1 out p, rr out port p rr n one 1 push rr push register on stack stack rr n one 2 pop rd pop register from stack rd stack n one 2 mcu control instructions n op n o operation n one 1 sleep sleep (see specific descr. for sleep function) n one 1 w dr w atchdog reset (see specific descr. for w dr/timer) n one 1 break break for on-chip debug only n one n /a mnemonics operands description operation flags #clocks free datasheet http:///
20 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 9. ordering information n otes: 1. this device can also be supplied in wafer form. please contact your local atmel sales office for detailed ordering infor mation and minimum quantities. 2. see ?speed grades? on page 369. 3. pb-free packaging, complies to the european directive for restriction of hazardous subst ances (rohs directive). also halide free and fully green. 4. tape & reel 9.1 atmega640 speed (mhz) (2) power supply ordering code package (1)(3) operation range 8 1.8 - 5.5v atmega640v-8au atmega640v-8aur (4) atmega640v-8cu atmega640v-8cur (4) 100a 100a 100c1 100c1 industrial (-40 c to 85 c) 16 2.7 - 5.5v atmega640-16au atmega640-16aur (4) atmega640-16cu atmega640-16cur (4) 100a 100a 100c1 100c1 package type 100a 100-lead, thin (1.0mm) plastic gull w ing quad flat package (tqfp) 100c1 100-ball, chip ball grid array (cbga) free datasheet http:///
21 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 n otes: 1. this device can also be supplied in wafer form. please contact your local atmel sales office for detailed ordering infor mation and minimum quantities. 2. see ?speed grades? on page 369 . 3. pb-free packaging, complies to the european directive for restriction of hazardous subst ances (rohs directive). also halide free and fully green. 4. tape & reel 9.2 atmega1280 speed (mhz) (2) power supply ordering code package (1)(3) operation range 8 1.8v - 5.5v ATMEGA1280V-8au ATMEGA1280V-8aur (4) ATMEGA1280V-8cu ATMEGA1280V-8cur (4) 100a 100a 100c1 100c1 industrial (-40 c to 85 c) 16 2.7v - 5.5v atmega1280-16au atmega1280-16aur (4) atmega1280-16cu atmega1280-16cur (4) 100a 100a 100c1 100c1 package type 100a 100-lead, thin (1.0mm) plastic gull w ing quad flat package (tqfp) 100c1 100-ball, chip ball grid array (cbga) free datasheet http:///
22 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 n otes: 1. this device can also be supplied in wafer form. please contact your local atmel sales office for detailed ordering infor mation and minimum quantities. 2. see ?speed grades? on page 369 . 3. pb-free packaging, complies to the european directive for restriction of hazardous subst ances (rohs directive). also halide free and fully green. 4. tape & reel 9.3 atmega1281 speed (mhz) (2) power supply ordering code package (1)(3) operation range 8 1.8 - 5.5v atmega1281v-8au atmega1281v-8aur (4) atmega1281v-8mu atmega1281v-8mur (4) 64a 64a 64m2 64m2 industrial (-40 c to 85 c) 16 2.7 - 5.5v atmega1281-16au atmega1281-16aur (4) atmega1281-16mu atmega1281-16mur (4) 64a 64a 64m2 64m2 package type 64a 64-lead, thin (1.0mm) plastic gull w ing quad flat package (tqfp) 64m2 64-pad, 9mm 9mm 1.0mm body, quad flat n o-lead/micro lead frame package (qf n /mlf) free datasheet http:///
23 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 n otes: 1. this device can also be supplied in wafer form. please contact your local atmel sales office for detailed ordering infor mation and minimum quantities. 2. see ?speed grades? on page 369 . 3. pb-free packaging, complies to the european directive for restriction of hazardous subst ances (rohs directive). also halide free and fully green. 4. tape & reel 9.4 atmega2560 speed (mhz) (2) power supply ordering code package (1)(3) operation range 8 1.8v - 5.5v atmega2560v-8au atmega2560v-8aur (4) atmega2560v-8cu atmega2560v-8cur (4) 100a 100a 100c1 100c1 industrial (-40 c to 85 c) 16 4.5v - 5.5v atmega2560-16au atmega2560-16aur (4) atmega2560-16cu atmega2560-16cur (4) 100a 100a 100c1 100c1 package type 100a 100-lead, thin (1.0mm) plastic gull w ing quad flat package (tqfp) 100c1 100-ball, chip ball grid array (cbga) free datasheet http:///
24 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 n otes: 1. this device can also be supplied in wafer form. please contact your local atmel sales office for detailed ordering infor mation and minimum quantities. 2. see ?speed grades? on page 369 . 3. pb-free packaging, complies to the european directive for restriction of hazardous subst ances (rohs directive). also halide free and fully green. 4. tape & reel 9.5 atmega2561 speed (mhz) (2) power supply ordering code package (1)(3) operation range 81.8v - 5.5v atmega1281v-8au atmega1281v-8aur (4) atmega1281v-8mu atmega1281v-8mur (4) 64a 64a 64m2 64m2 industrial (-40 c to 85 c) 16 4.5v - 5.5v atmega1281-16au atmega1281-16aur (4) atmega1281-16mu atmega1281-16mur (4) 64a 64a 64m2 64m2 package type 64a 64-lead, thin (1.0mm) plastic gull w ing quad flat package (tqfp) 64m2 64-pad, 9mm 9mm 1.0mm body, quad flat n o-lead/micro lead frame package (qf n /mlf) free datasheet http:///
25 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 10. packaging information 10.1 100a 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 100a, 100-lead, 14 x 14mm body size, 1.0mm body thickness, 0.5mm lead pitch, thin profile plastic quad flat package (tqfp) d 100a 2010-10-20 pin 1 identifier 0~7 pin 1 l c a1 a2 a d1 d e e1 e b a ? ? 1.20 a1 0.05 ? 0.15 a2 0.95 1.00 1.05 d 15.75 16.00 16.25 d1 13.90 14.00 14.10 note 2 e 15.75 16.00 16.25 e1 13.90 14.00 14.10 note 2 b 0.17 ? 0.27 c 0.09 ? 0.20 l 0.45 ? 0.75 e 0.50 typ notes: 1. this package conforms to jedec reference ms-026, variation aed. 2. dimensions d1 and e1 do not include mold protrusion. allowable protrusion is 0.25mm per side. dimensions d1 and e1 are maximum plastic body size dimensions including mold mismatch. 3. lead coplanarity is 0.08mm maximum. common dimen s ion s (unit of measure = mm) s ymbol min nom max note free datasheet http:///
26 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 10.2 100c1 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 100c1 , 100-ball, 9 x 9 x 1.2 mm body, ball pitch 0.80 mm chip array bga package (cbga) a 100c1 5/25/06 top view side view bottom view common dimensions (unit of measure = mm) symbol min nom max note a 1.10 ? 1.20 a1 0.30 0.35 0.40 d 8.90 9.00 9.10 e 8.90 9.00 9.10 d1 7.10 7.20 7.30 e1 7.10 7.20 7.30 ? b 0.35 0.40 0.45 e 0.80 typ marked a1 identifier 1 2 3 4 5 6 7 8 a b c d e 9 f g h i j 10 0.90 typ 0.90 typ a1 corner 0.12 z e d e e ?b a a1 e1 d1 free datasheet http:///
27 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 10.3 64a 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 64a, 64-lead, 14 x 14mm body size, 1.0mm body thickness, 0.8mm lead pitch, thin profile plastic quad flat package (tqfp) c 64a 2010-10-20 pin 1 identifier 0~7 pin 1 l c a1 a2 a d1 d e e1 e b common dimen s ion s (unit of measure = mm) s ymbol min nom max note notes: 1.this package conforms to jedec reference ms-026, variation aeb. 2. dimensions d1 and e1 do not include mold protrusion. allowable protrusion is 0.25mm per side. dimensions d1 and e1 are maximum plastic body size dimensions including mold mismatch. 3. lead coplanarity is 0.10mm maximum. a ? ? 1.20 a1 0.05 ? 0.15 a2 0.95 1.00 1.05 d 15.75 16.00 16.25 d1 13.90 14.00 14.10 note 2 e 15.75 16.00 16.25 e1 13.90 14.00 14.10 note 2 b 0.30 ? 0.45 c 0.09 ? 0.20 l 0.45 ? 0.75 e 0.80 typ free datasheet http:///
28 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 10.4 64m2 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 64m2 , 64-pad, 9 x 9 x 1.0mm bod y, lead pitch 0.50mm , e 64m2 2010-10-20 common dimen s ion s (unit of measure = mm) s ymbol min nom max note a 0.80 0.90 1.00 a1 ? 0.02 0.05 b 0.18 0.25 0.30 d d2 7.50 7.65 7.80 8.90 9.00 9.10 8.90 9.00 9.10 e e2 7.50 7.65 7.80 e 0.50 bsc l 0.35 0.40 0.45 top view s ide view bottom view d e marked pin# 1 i d seating plane a1 c a c 0.08 1 2 3 k 0.20 0.27 0.40 2. dimension and tolerance conform to asmey14.5m-1994. 0.20 ref a3 a3 e2 d2 b e pin #1 corner l pin #1 triangle pin #1 chamfer (c 0.30) option a option b pin #1 notch (0.20 r) option c k k notes: 1. jedec standard mo-220, (saw singulation) fig . 1, vmmd. 7.65mm exposed pad, micro lead frame package (mlf) free datasheet http:///
29 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 11. errata 11.1 atmega640 rev. b ? inaccurate adc conversion in differential mode with 200 gain ? high current consumption in sleep mode 1. inaccurate adc conversion in differential mode with 200 gain w ith avcc <3.6v, random conversions will be in accurate. typical absolute accuracy may reach 64 lsb. problem fix/workaround n one. 2. high current consumption in sleep mode if a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when exec uting the sleep instruction directly after a sei instruction. problem fix/workaround before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. 11.2 atmega640 rev. a ? inaccurate adc conversion in differential mode with 200 gain ? high current consumption in sleep mode 1. inaccurate adc conversion in differential mode with 200 gain w ith avcc <3.6v, random conversions will be in accurate. typical absolute accuracy may reach 64 lsb. problem fix/workaround n one. 2. high current consumption in sleep mode if a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when exec uting the sleep instruction directly after a sei instruction. problem fix/workaround before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. 11.3 atmega1280 rev. b ? inaccurate adc conversion in differential mode with 200 gain ? high current consum ption in sleep mode 1. inaccurate adc conversion in differential mode with 200 gain w ith avcc <3.6v, random conversions will be in accurate. typical absolute accuracy may reach 64 lsb. free datasheet http:///
30 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 problem fix/workaround n one. 2. high current consumption in sleep mode if a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when exec uting the sleep instruction directly after a sei instruction. problem fix/workaround before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. 11.4 atmega1280 rev. a ? inaccurate adc conversion in differential mode with 200 gain ? high current consum ption in sleep mode 1. inaccurate adc conversion in differential mode with 200 gain w ith avcc <3.6v, random conversions will be in accurate. typical absolute accuracy may reach 64 lsb. problem fix/workaround n one. 2. high current consumption in sleep mode if a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when exec uting the sleep instruction directly after a sei instruction. problem fix/workaround before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. 11.5 atmega1281 rev. b ? inaccurate adc conversion in differential mode with 200 gain ? high current consum ption in sleep mode 1. inaccurate adc conversion in differential mode with 200 gain w ith avcc <3.6v, random conversions will be in accurate. typical absolute accuracy may reach 64 lsb. problem fix/workaround n one. 2. high current consumption in sleep mode if a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when exec uting the sleep instruction directly after a sei instruction. problem fix/workaround before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. free datasheet http:///
31 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 11.6 atmega1281 rev. a ? inaccurate adc conversion in differential mode with 200 gain ? high current consum ption in sleep mode 1. inaccurate adc conversion in differential mode with 200 gain w ith avcc <3.6v, random conversions will be in accurate. typical absolute accuracy may reach 64 lsb. problem fix/workaround n one. 2. high current consumption in sleep mode if a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when exec uting the sleep instruction directly after a sei instruction. problem fix/workaround before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. 11.7 atmega2560 rev. f n ot sampled. 11.8 atmega2560 rev. e n o known errata. 11.9 atmega2560 rev. d n ot sampled. 11.10 atmega2560 rev. c ? high current consumption in sleep mode 1. high current consumption in sleep mode if a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when exec uting the sleep instruction directly after a sei instruction. problem fix/workaround before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. 11.11 atmega2560 rev. b n ot sampled. free datasheet http:///
32 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 11.12 atmega2560 rev. a ? non-read-while-write area of flash not functional ? part does not work under 2.4 volts ? incorrect adc reading in differential mode ? internal adc reference has too low value ? in/out instructions may be executed twice when stack is in external ram ? eeprom read from appli cation code does not work in lock bit mode 3 1. non-read-while-write area of flash not functional the n on-read- w hile- w rite area of the flash is not working as expected. the problem is related to the speed of the part when reading the flash of this area. problem fix/workaround - only use the first 248k of the flash. - if boot functionality is needed, run the code in the n on-read- w hile- w rite area at maximum 1/4th of the maximum frequency of the device at any given voltage. this is done by writing the clkpr register before entering the boot section of the code. 2. part does not work under 2.4 volts the part does not execute code correctly below 2.4 volts. problem fix/workaround do not use the part at voltages below 2.4 volts. 3. incorrect adc reading in differential mode the adc has high noise in differential mode. it can give up to 7 lsb error. problem fix/workaround use only the 7 msb of the result when using the adc in differential mode. 4. internal adc reference has too low value the internal adc reference has a value lower than specified. problem fix/workaround - use avcc or external reference. - the actual value of the reference can be measured by applying a known voltage to the adc when using the internal reference. the result when doing later conversions can then be calibrated. 5. in/out instructions may be executed twice when stack is in external ram if either an i n or an out instruction is executed directly before an interrupt occurs and the stack pointer is located in exte rnal ram, the instruction will be ex ecuted twice. in some cases this will cause a prob lem, for example: - if reading sreg it will appear that the i-flag is cleared. - if writing to the pi n registers, the po rt will toggle twice. - if reading registers with interrupt flags, the flags will appea r to be cleared. free datasheet http:///
33 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 problem fix/workaround there are two application work-arounds, where selecting one of them, will be omitting the issue: - replace i n and out with ld/lds/ldd and st/sts/std instructions. - use internal ram for stack pointer. 6. eeprom read from applic ation code does not work in lock bit mode 3 w hen the memory lock bits lb2 and lb1 are programmed to mode 3, eeprom read does not work from the application code. problem fix/workaround do not set lock bit protection mode 3 when the application code needs to read from eeprom. 11.13 atmega2561 rev. f n ot sampled. 11.14 atmega2561 rev. e n o known errata. 11.15 atmega2561 rev. d n ot sampled. 11.16 atmega2561 rev. c ? high current consumpt ion in sleep mode. 1. high current consumption in sleep mode if a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when exec uting the sleep instruction directly after a sei instruction. problem fix/workaround before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. 11.17 atmega2561 rev. b n ot sampled. 11.18 atmega2561 rev. a ? non-read-while-write area of flash not functional ? part does not work under 2.4 volts ? incorrect adc reading in differential mode ? internal adc reference has too low value ? in/out instructions may be executed twice when stack is in external ram ? eeprom read from applicat ion code does not work in lock bit mode 3 free datasheet http:///
34 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 1. non-read-while-write area of flash not functional the n on-read- w hile- w rite area of the flash is not working as expected. the problem is related to the speed of the part when reading the flash of this area. problem fix/workaround - only use the first 248k of the flash. - if boot functionality is needed, run the code in the n on-read- w hile- w rite area at maximum 1/4th of the maximum frequency of the device at any given voltage. this is done by writing the clkpr register before entering the boot section of the code. 2. part does not work under 2.4 volts the part does not execute code correctly below 2.4 volts. problem fix/workaround do not use the part at voltages below 2.4 volts. 3. incorrect adc reading in differential mode the adc has high noise in differential mode. it can give up to 7 lsb error. problem fix/workaround use only the 7 msb of the result when using the adc in differential mode. 4. internal adc reference has too low value the internal adc reference has a value lower than specified. problem fix/workaround - use avcc or external reference. - the actual value of the reference can be measured by applying a known voltage to the adc when using the internal reference. the result when doing later conversions can then be calibrated. 5. in/out instructions may be executed twice when stack is in external ram if either an i n or an out instruction is executed directly before an interrupt occurs and the stack pointer is located in exte rnal ram, the instruction will be ex ecuted twice. in some cases this will cause a prob lem, for example: - if reading sreg it will appear that the i-flag is cleared. - if writing to the pi n registers, the po rt will toggle twice. - if reading registers with interrupt flags, the flags will appea r to be cleared. problem fix/workaround there are two application workarounds, wher e selecting one of them, will be omitting the issue: - replace i n and out with ld/lds/ldd and st/sts/std instructions. - use internal ram for stack pointer. 6. eeprom read from applic ation code does not work in lock bit mode 3 w hen the memory lock bits lb2 and lb1 are programmed to mode 3, eeprom read does not work from the application code. free datasheet http:///
35 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 problem fix/workaround do not set lock bit protection mode 3 when the application code needs to read from eeprom. free datasheet http:///
36 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 12. datasheet revision history please note that the referring page numbers in this section are referring to this document.the referring revision in this section are referring to the document revision. 12.1 rev. 2549p-10/2012 12.2 rev. 2549o-05/12 12.3 rev. 2549n-05/11 12.4 rev. 2549m-09/10 1. replaced drawing in 10.4 ?64m2? on page 28 . 2. former page 439 has been deleted as the content of this page did not belong there (same page as the last page). 3. some small correction made in the setup. 1. the datasheet changed status from preliminary to complete. removed ?preliminary? from the front page. 2. replaced figure 10-3 on page 46 by a new one. 3. updated the last page to include the new address for atmel japan site. 1. added atmel qtouch library support and qtouch sensing capablity features 2. updated cross-reference in ?bit 5, 2:0 - w dp3:0: w atchdog timer prescaler 3, 2, 1 and 0? on page 68 3. updated assembly codes in section ?usart initialization? on page 210 4. added ?standard power-on reset? on page 372 . 5. added ?enhanced power-on reset? on page 373 . 6. updated figure 32-13 on page 393 7. updated ?ordering information? on page 20 to include tape & reel devices. 1. updated typos in figure 26-9 on page 285 and in figure 26-10 on page 285 . 2. n ote is added below table 1-1 on page 3 . 3. the values for ?typical characteristics? in table 31-9 on page 377 and table 31-10 on page 378 , has been rounded. 4. units for trst and tbod in table 31-3 on page 372 have been changed from ?ns? to ?s?. 5. the figure text for table 31-2 on page 371 has been changed. 6. text in first column in table 30-3 on page 336 has been changed from ?fuse low byte? to ?extended fuse byte?. 7. the text in ?power reduction register? on page 54 has been changed. 8. the value of the inductor in figure 26-9 on page 285 and figure 26-10 on page 285 has been changed to 10 h. 9. ?port a? has been changed into ?port k? in the first paragraph of ?features? on page 275 . 10. minimum wait delay for t w d_eeprom in table 30-16 on page 351 has been changed from 9.0ms to 3.6ms 11. dimension a3 is added in ?64m2? on page 28 . 12. several cross-references are corrected. free datasheet http:///
37 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 12.5 rev. 2549l-08/07 12.6 rev. 2549k-01/07 12.7 rev. 2549j-09/06 13. ?com0a1:0? on page 130 is corrected to ?com0b1:0?. 14. corrected some figure and table numbering. 15. updated section 10.6 ?low frequency cr ystal oscillator? on page 45 . 1. updated note in table 10-11 on page 47 . 2. updated table 10-3 on page 43 , table 10-5 on page 44 , table 10-9 on page 47 . 3. updated typos in ?dc characteristics? on page 367 4. updated ?clock characteristics? on page 371 5. updated ?external clock drive? on page 371 . 6. added ?system and reset characteristics? on page 372 . 7. updated ?spi timing characteristics? on page 375 . 8. updated ?adc characteristics ? preliminary data? on page 377 . 9. updated ordering code in ?atmega640? on page 20 . 1. updated table 1-1 on page 3 . 2. updated ?pin descriptions? on page 7 . 3. updated ?stack pointer? on page 16 . 4. updated ?bit 1 ? eepe: eeprom programming enable? on page 36 . 5. updated assembly code example in ?thus, when the bod is not enabled, after setting the acbg bit or enabling the adc, the user must always allow the refer ence to start up before the output from the analog comparator or adc is used. to reduce power consumption in power-down mode, the user can avoid the three conditions above to ensure that the reference is turned off before entering power-down mode.? on page 63 . 6: updated ?eimsk ? external interrupt mask register? on page 115 . 7. updated bit description in ?pcifr ? pin change interrupt flag register? on page 116 . 8. updated code example in ?usart initialization? on page 210 . 9. updated figure 26-8 on page 284 . 10. updated ?dc characteristics? on page 367 . 1. updated ?? on page 46 . 2. updated code example in ?moving interrupts between applicat ion and boot section? on page 109 . 3. updated ?timer/counter prescaler? on page 186 . 4. updated ?device identification register? on page 303 . 5. updated ?signature bytes? on page 338 . 6. updated ?instruction set summary? on page 17 . free datasheet http:///
38 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 12.8 rev. 2549i-07/06 12.9 rev. 2549h-06/06 12.10 rev. 2549g-06/06 12.11 rev. 2549f-04/06 12.12 rev. 2549e-04/06 1. added ?data retention? on page 11 . 2. updated table 16-3 on page 129 , table 16-6 on page 130 , table 16-8 on page 131 , table 17-2 on page 148 , table 17-4 on page 159 , table 17-5 on page 160 , table 20-3 on page 187 , table 20-6 on page 188 and table 20-8 on page 189 . 3. updated ?fast p w m mode? on page 150 . 1. updated ?? on page 46 . 2. updated ?osccal ? oscillator calibration register? on page 50 . 3. added table 31-1 on page 371 . 1. updated ?features? on page 1 . 2. added figure 1-2 on page 3 , table 1-1 on page 3 . 3. updated ?? on page 46 . 4. updated ?power management and sleep modes? on page 52 . 5. updated note for table 12-1 on page 68 . 6. updated figure 26-9 on page 285 and figure 26-10 on page 285 . 7. updated ?setting the boot loader lock bits by spm? on page 324 . 8. updated ?ordering information? on page 20 . 9. added package information ?100c1? on page 26 . 10. updated ?errata? on page 29 . 1. updated figure 9-3 on page 31 , figure 9-4 on page 31 and figure 9-5 on page 32 . 2. updated table 20-2 on page 187 and table 20-3 on page 187 . 3. updated features in ?adc ? analog to digital converter? on page 275 . 4. updated ?fuse bits? on page 336 . 1. updated ?features? on page 1 . 2. updated table 12-1 on page 62 . 3. updated note for table 12-1 on page 62 . 4. updated ?bit 6 ? acbg: analog comparator bandgap select? on page 273 . 5. updated ?prescaling and conversion timing? on page 278 . 5. updated ?maximum speed vs. v cc ? on page 373 . 6. updated ?ordering information? on page 20 . free datasheet http:///
39 2549ps?avr?10/2012 atmega640/1280/1281/2560/2561 12.13 rev. 2549d-12/05 12.14 rev. 2549c-09/05 12.15 rev. 2549b-05/05 12.16 rev. 2549a-03/05 1. advanced information status changed to preliminary. 2. changed number of i/o ports from 51 to 54. 3. updatet typos in ?tccr0a ? timer/counter cont rol register a? on page 129 . 4. updated features in ?adc ? analog to digital converter? on page 275 . 5. updated operation in ?adc ? analog to digital converter? on page 275 6. updated stabilizing time in ?changing channel or reference selection? on page 282 . 7. updated figure 26-1 on page 276 , figure 26-9 on page 285 , figure 26-10 on page 285 . 8. updated text in ?adcsrb ? adc control and status register b? on page 290 . 9. updated n ote for table 4 on page 43 , table 13-15 on page 86 , table 26-3 on page 289 and table 26-6 on page 295 . 10. updated table 31-9 on page 377 and table 31-10 on page 378 . 11. updated ?filling the temporary buffer (page loading)? on page 323 . 12. updated ?typical characteristics? on page 385 . 13. updated ?packaging information? on page 25 . 14. updated ?errata? on page 29 . 1. updated speed grade in section ?features? on page 1 . 2. added ?resources? on page 11 . 3. updated ?spi ? serial peripheral interface? on page 195 . in slave mode, low and high period spi clock must be larger than 2 cpu cycles. 4. updated ?bit rate generator unit? on page 247 . 5. updated ?maximum speed vs. v cc ? on page 373 . 6. updated ?ordering information? on page 20 . 7. updated ?packaging information? on page 25 . package 64m1 replaced by 64m2. 8. updated ?errata? on page 29 . 1. jtag id/signature for atmega640 updated: 0x9608. 2. updated table 13-7 on page 81 . 3. updated ?serial programming instruction set? on page 352 . 4. updated ?errata? on page 29 . 1. initial version. free datasheet http:///
2549ps?avr?10/2012 atmel corporation 2325 orchard parkway san jose, ca 95131 usa tel : (+1)(408) 441-0311 fax : (+1)(408) 487-2600 www.atmel.com atmel asia limited unit 1-5 & 16, 19/f bea tower, millennium city 5 418 kwun tong road kwun tong, kowloon ho n g ko n g tel : (+852) 2245-6100 fax : (+852) 2722-1369 atmel munich gmbh business campus parkring 4 d-85748 garching b. munich germa n y tel : (+49) 89-31970-0 fax : (+49) 89-3194621 atmel japan 16f, shin-osaki kangyo bldg. 1-6-8 osaki shinagawa-ku tokyo 141-0032 japa n tel : (+81)(3) 6417-0300 fax : (+81)(3) 6417-0370 ? 2012 atmel corporation. all rights reserved. atmel ? , atmel logo and combinations thereof, avr ? , qtouch ? , qmatrix ? , avr studio ? and others are registered trademarks or trade- marks of atmel corporation or its subsidiaries. w indows ? and others are registered trademarks of microsoft corporation in u.s. and other countries. other terms and product names may be trademarks of others. disclaimer: the information in this document is provided in connection with atmel products. n o license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of atmel products. except as set forth in the atmel terms and conditions of sales located on the atmel website, atmel assumes no liability whatsoever and disclaims any express, implied or statutory warranty relating to its pro ducts including, but not limited to, the implied warranty of merchantability, fitness for a particular purp ose, or non-infringement. in no even t shall atmel be liable for any direct, indirect, consequential, punitive, special or incidental damages (including, without limitati on, damages for loss and prof- its, business interruption, or loss of information) arising out of the use or inability to use this document, even if atmel has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or com- pleteness of the contents of th is document and reserves the right to make changes to specifications and product descriptions at any time without notice. atmel does not make any commitment to update the information cont ained herein. unless specifically provided otherwise, atmel pr oducts are not suit- able for, and shall not be used in, automotive applications. atme l products are not intended, authorized, or warranted for use as components in applica- tions intended to support or sustain life. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of ATMEGA1280V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X